|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ELECTRONIC COMPONENTS RSG RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de Anderungen vorbehalten / subject to change without notice 320W Single Output with PFC Function Features : SP-320 series Universal AC input / Full range Built-in active PFC function, PF>0.95 Protections:Short circuit/Over load/Over voltage/Over temperature Forced air cooling by built-in DC Fan Built-in fan speed control Fixed switching frequency at 100KHz 3 years warranty SPECIFICATION MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT VOLTAGE ADJ. RANGE VOLTAGE TOLERANCE Note.3 LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD TIME (Typ.) SP-320-3.3 SP-320-5 3.3V 55A 0 ~ 60A 181.5W 5V 55A 0 ~ 55A 275W 150mVp-p SP-320-7.5 SP-320-12 7.5V 40A 0 ~ 40A 300W 150mVp-p 6 ~ 9V 2.0% 0.5% 1.0% 12V 25A 0 ~ 25A 300W 150mVp-p SP-320-13.5 SP-320-15 SP-320-24 SP-320-27 SP-320-36 SP-320-48 13.5V 22A 0 ~ 22A 297W 150mVp-p 15V 20A 0 ~ 20A 300W 150mVp-p 24V 13A 0 ~ 13A 312W 150mVp-p 27V 11.7A 0 ~ 11.7A 315.9W 200mVp-p 36V 8.8A 0 ~ 8.8A 316.8W 220mVp-p 48V 6.7A 0 ~ 6.7A 321.6W 240mVp-p RIPPLE & NOISE (max.) Note.2 150mVp-p 3.14 ~ 3.63V 4.5 ~ 5.5V 1.0% 2.0% 0.5% 1.5% 0.5% 1.0% 10 ~ 13.2V 12 ~ 15V 1.0% 1.0% 0.3% 0.5% 0.3% 0.5% 13.5 ~ 18V 20 ~ 26.4V 26 ~ 31.5V 32.4 ~ 39.6V 41 ~ 56V 1.0% 1.0% 1.0% 1.0% 1.0% 0.3% 0.5% 0.2% 0.5% 0.2% 0.5% 0.2% 0.5% 0.2% 0.5% 800ms, 50ms/230VAC 16ms/230VAC 2500ms, 50ms/115VAC at full load 16ms/115VAC at full load 124 ~ 370VDC PF>0.98/115VAC at full load 83% 86% 86% 86% 87% 88% 87% 89% VOLTAGE RANGE Note.5 88 ~ 264VAC 47 ~ 63Hz FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) 230VAC INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVER LOAD PROTECTION OVER VOLTAGE OVER TEMPERATURE WORKING TEMP. AC CURRENT (Typ.) 115VAC PF>0.95/230VAC 74% 2.5A 79% 5A 2.5A 1.5A 20A/115VAC 40A/230VAC <1mA / 240VAC 105 ~ 135% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed 27.6 ~ 32.4V 33.7 ~ 39.2V 45 ~ 52.5V 57.6 ~ 67.2V 3.8 ~ 4.5V 5.75 ~ 6.75V 9.4 ~ 10.9V 13.8 ~ 16.2V 15.5 ~ 18.2V 18 ~ 21V Protection type : Shut down o/p voltage, re-power on to recover 80 5 (70 5 3.3V,5V only) (TSW1 : Detect on heatsink of power transistor) Protection type : Shut down o/p voltage, recovers automatically after temperature goes down -20 ~ +65 (Refer to output load derating curve) 20 ~ 90% RH non-condensing WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY -40 ~ +85 , 10 ~ 95% RH TEMP. COEFFICIENT 0.03%/ (0 ~ 50 VIBRATION 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & ISOLATION RESISTANCE EMC (Note 4) UL60950-1, TUV EN60950-1 Approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B HARMONIC CURRENT EMS IMMUNITY MTBF Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, Light industry level, criteria A 207K hrs min. MIL-HDBK-217F (25 ) 215*115*50mm (L*W*H) 1.1Kg; 12pcs/14Kg/0.92CUFT OTHERS DIMENSION PACKING NOTE 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 5. Derating may be needed under low input voltages. Please check the derating curve for more details. File Name:SP-320-SPEC 2006-08-22 320W Single Output with PFC Function Mechanical Specification 117.5 32.5 27.5 19 150 177.5 US P --3 2 0 SP 320 25 Case No. 912G s e r ii e s ser es Unit:mm LED +V ADJ. 9 8 9.5 135 95 7 6 5 4 32.5 2 1 5 16 5-M3 L=3mm 10 37.5 50.5 Air flow direction 300 250 200 150 100 50 25 36.7 4-M4 L=5mm 48.7 3 8 15 14 32.5 215 150 Terminal pin number assignment : Pin No. 1 2 3 Assignment AC/L AC/N FG Pin No. Assignment 4~6 DC OUTPUT -V 7~9 DC OUTPUT +V 25 4-M4 L=5mm Block Diagram FAN SPEED CONTROL EMI FILTER ACTIVE INRUSH CURRENT LIMITING POWER SWITCHING RECTIFIERS & FILTER DETECTION CIRCUIT O.V.P. FAN fosc : 100KHz 50 I/P RECTIFIERS +V -V FG O.L.P. O.T.P. PWM & PFC CONTROL Derating Curve Static Characteristics Ta=25 100 100 90 80 Others 80 70 60 LOAD (%) LOAD (%) 3.3V,5V 40 60 50 40 20 -20 0 10 20 30 40 50 60 70 (HORIZONTAL) 88 90 95 100 115 135 155 175 195 230 264 AMBIENT TEMPERATURE ( ) INPUT VOLTAGE (VAC) 60Hz File Name:SP-320-SPEC 2006-08-22 ELECTRONIC COMPONENTS RSG RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de Anderungen vorbehalten / subject to change without notice 115 50 |
Price & Availability of SP-320-33 |